PART |
Description |
Maker |
30-05-01-502-03 46-05-07-502-07 30-01-04-500-07 46 |
Decorator Line Pushbuttons PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPDT, ALTERNATE, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, DPDT, ALTERNATE, PANEL MOUNT Sleek Black Matte Bezel Convenient Snap-In Front Mount
|
Grayhill, Inc. GRAYHILL INC
|
PL103201X PL626208X PL329203X PL103703X PL106703X |
PUSHBUTTON SWITCH, SPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, 3PDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, DPDT, LATCHED, PANEL MOUNT PUSHBUTTON SWITCH, 4PDT, MOMENTARY, PANEL MOUNT PUSHBUTTON SWITCH, 3PDT, LATCHED, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, LATCHED, THROUGH HOLE-STRAIGHT
|
SWITCHCRAFT INC
|
A3PA-90G11-12ER A3PA-90E11-05ER A3PA-90E11-28 A3PA |
PUSHBUTTON SWITCH, DPDT, MOMENTARY, 0.1A, 30VDC, PANEL MOUNT PUSHBUTTON SWITCH, SPDT, MOMENTARY, 0.1A, 30VDC, PANEL MOUNT
|
ZF Electronics, Corp.
|
30-6UL 30B1012-5 30B1012-8 30B1012-9 07C1040-1 10C |
SPST, 1 and 5 Amp Pushbutton PUSHBUTTON SWITCH, SPST, MOMENTARY, PANEL MOUNT-THREADED Butt Contact Pushbutton Switches
|
Grayhill, Inc.
|
305V-1QE 305CBEJ8122 302CBEJ8122 301ST1ZBEJ81 |
PUSHBUTTON SWITCH, SPST, MOMENTARY, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE PUSHBUTTON SWITCH, SPST, MOMENTARY, 0.02A, 20VDC, THROUGH HOLE-STRAIGHT Miniature pushbutton switches
|
List of Unclassifed Man...
|
LC2262EENP LC1258EENP LC1257OANP LC1257OASP LC1257 |
PUSHBUTTON SWITCHES PUSHBUTTON SWITCH, SPDT, LATCHED, 0.3A, 30VDC, THROUGH HOLE-RIGHT ANGLE
|
E-SWITCH
|
NLAS3799 NLAS3799L NLAS3799_06 NLAS3799LMNR2G NLAS |
Dual DPDT Analog Switch WQFN From old datasheet system Dual DPDT Ultra−Low RON Switch
|
ONSEMI[ON Semiconductor]
|
CXG1040TN |
High Isolation DPDT Antenna Switch MMIC Used In Personal Communication Handset(高绝缘性、有吸收能力的双刀双掷天线开关微波集成电路(用于个人通信设备 High Isolation DPDT Switch From old datasheet system
|
SONY[Sony Corporation]
|
150C2206 |
Switch DPDT 3 MHz - 200 MHz RF/MICROWAVE DBL POLE DBL THROW SWITCH, 1.4 dB INSERTION LOSS DAICO Switches SPST, DPDT
|
DAICO[DAICO Industries, Inc.]
|
P7831113 P7831118 P7831132 P7831117 P7831122 P7831 |
PUSHBUTTON SWITCH, SPDT, MOMENTARY-TACTILE, 4A, 28VDC, THROUGH HOLE-STRAIGHT PUSHBUTTON SWITCH, SPDT, MOMENTARY-TACTILE, 4A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SPST, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT-THREADED PUSHBUTTON SWITCH, SP5T, MOMENTARY-TACTILE, 5A, 28VDC, PANEL MOUNT PUSHBUTTON SWITCH, SP3T, MOMENTARY-TACTILE, 5A, 28VDC, THROUGH HOLE-STRAIGHT
|
OTTO Engineering, Inc. OTTO ENGINEERING INC
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
|